|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
? semiconductor components industries, llc, 2014 december, 2014 ? rev. 4 1 publication order number: ncp1117lp/d ncp1117lp 1.0 a low-dropout positive fixed and adjustable voltage regulators the ncp1117lp is the low power version of the popular ncp1117 family of low dropout voltage regulators, with reduced quiescent current. it is intended primarily for high volume consumer applications over the 0 to 125 degree temperature range. capable of providing an output current in excess of 1 a, with a dropout voltage of 1.3 v at 1 a full current load, the series consists of an adjustable and five fixed voltage versions of 1.5 v, 1.8 v, 2.5 v, 3.3 v and 5.0 v. internal protection features consist of output current limiting and built?in thermal shutdown. the ncp1117lp series can operate up to 18 v max input voltage. the device is available in the popular sot?223 and dpak packages. features ? output current in excess of 1.0 a ? 1.4 v maximum dropout voltage at 1 a ? quiescent current over 10 times lower than traditional 1117 ? fixed output voltages of 1.5 v, 1.8 v, 2.5 v, 3.3 v and 5.0 v ? adjustable output voltage option ? no minimum load requirement for fixed voltage output devices ? good noise rejection ? current limit and thermal shutdown protection ? operation up to 18 v input ? these are pb?free devices applications ? tv and monitors ? set top boxes and entertainment devices ? switching power supply post regulation ? game consoles and consumer applications ? hard drive controllers 1 2 output 3 input ncp1117lp ++ figure 1. fixed output regulator c out = 10 f 1 2 output c in = 10 f 3 input ncp1117lp ++ figure 2. adjustable output regulator typical applications c out = 10 f c in = 10 f sot?223 st suffix case 318h 1 3 pin: 1. adjust/ground 2. output 3. input www. onsemi.com ayw 17lxx xx = 15, 18, 25, 33, 50, ad a = assembly location y = year w = work week = pb?free package 123 4 (note: microdot may be in either location) marking diagram heatsink tab is connected to pin 2. see detailed ordering and shipping information in the package dimensions section on page 12 of this data sheet. ordering information 1 2 3 4 ayww xxx xxxxxg dpak dt suffix case 369c
ncp1117lp www. onsemi.com 2 figure 3. block diagram table 1. pin function description pin no. pin name description 1 adj (gnd) a resistor divider from this pin to the vout pin and ground sets the output voltage (ground only for fixed?mode). 2 vout the output of the regulator. a minimum of 10 f capacitor (20 m esr 20 ) must be connec- ted from this pin to ground to insure stability. 3 vin the input pin of regulator. typically a large storage capacitor (20 m esr 20 ) is connected from this pin to ground to insure that the input voltage does not sag below the minimum dropout voltage during the load transient response. this pin must always be 1.3 v (typ.) higher than vout in order for the device to regulate properly. table 2. maximum ratings rating symbol value unit dc input voltage v in ?0.3 to 18 v operating junction temperature range t op 0 to 125 c operating ambient temperature range t a 0 to 125 c maximum junction temperature range t j(max) ?55 to 150 c power dissipation and thermal characteristics ? power dissipation (note 1) ? thermal resistance, junction?to?ambient (note 2) ? thermal resistance, junction?to?case p d r ja r jc internally limited 108 15 w c/w c/w electrostatic discharge human body model esd 2000 v machine model 200 storage temperature range t stg ?65 to 150 c note: this device series contains esd protection and exceeds the following tests: esd hbm tested per aec?q100?002 (eia/jesd22?a114) esd mm tested per aec?q100?003 (eia/jesd22?a115) latch?up current maximum rating: 150ma per jedec standard: jesd78 stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. note: all voltages are referenced to gnd pin. 1. the maximum package power dissipation is: p d t j(max) t a r ja 2. r ja on a 100 x 100 mm pcb cu thickness 1 oz; t a = 25 c ncp1117lp www. onsemi.com 3 table 3. electrical characteristics (c in = 10 f, c out = 10 f, for typical value t a = 25 c, for min and max values t a is the operating ambient temperature range that applies unless otherwise noted.) parameter conditions symbol min typ max unit reference voltage, ad- justable output devices ncp1117?adj t j = 25 c (vin ? vout) = 1.5 v, io = 10 ma v ref 1.225 1.250 1.275 v output voltage, fixed output devices ncp1117?1.5 t j = 25 c 3 v vin 12 v, io = 10 ma v out 1.470 1.5 1.530 v ncp1117?1.8 t j = 25 c 3.3 v vin 12 v, io = 10 ma 1.760 1.8 1.840 v ncp1117?2.5 t j = 25 c 4 v vin 12 v, io = 10 ma 2.450 2.5 2.550 v ncp1117?3.3 t j = 25 c 4.8 v vin 12 v, io = 10 ma 3.235 3.3 3.365 v ncp1117?5.0 t j = 25 c 6.5 v vin 12 v, io = 10 ma 4.900 5 5.100 v line regulation, adjustable & fixed (note 3) ncp1117?xxx t j = 25 c vout + 1.5 v < vin < 12 v, io = 10 ma reg line 0.2 % load regulation (note 3) ncp1117?adj t j = 25 c 10 ma < io < 1 a, vin = 3.3 v reg load 1 % ncp1117?1.5 t j = 25 c 10 ma < io < 1 a, vin = 3 v 12 15 mv ncp1117?1.8 t j = 25 c 10 ma < io < 1 a, vin = 3.3 v 15 18 mv ncp1117?2.5 t j = 25 c 10 ma < io < 1 a, vin = 4 v 20 25 mv ncp1117?3.3 t j = 25 c 10 ma < io < 1 a, vin = 4.7 v 26 33 mv ncp1117?5.0 t j = 25 c 10 ma < io < 1 a, vin = 6.5 v 40 50 mv dropout voltage (vin ? vout), adjustable & fixed ncp1117?xxx iout = 1 a, t a = 25 c vout = vout ? 100 mv 1.3 1.4 v current limit, adjustable & fixed ncp1117?xxx vin = 7 v, t a = 25 c iout 1.1 a minimum load current (note 4) ncp1117?xxx 0 c tj 125 c i lmin 1 5 ma quiescent current ncp1117?fixed vin = 12 v io = 10 ma i qfix 550 700 a ncp1117?adj i qadj 30 50 a thermal regulation (note 5) t a = 25 c, t = 30 ms pulse 0.008 0.04 %w ripple rejection ncp1117?xxx f = 120 hz, cout = 25 f tantalum, iout = 1 a, vin = vout + 3 v rr 60 db thermal shutdown ncp1117?xxx t shdn 165 c thermal hysteresis ncp1117?xxx t hyst 10 c product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. 3. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 4. guaranteed by design. 5. thermal regulation is defined as the change in output voltage at a time after a change in power dissipation is applied, excluding load or line regulation ef fects. specifications are for a current pulse equal to io max at vin = vin + 1.5 v for t = 30 msec. guaranteed by characterization. ncp1117lp www. onsemi.com 4 typical characteristics figure 4. dropout voltage vs. temperature i load = 10 ma figure 5. dropout voltage vs. temperature i load = 1 a t a , ambient temperature ( c) t a , ambient temperature ( c) 100 80 60 40 20 0 ?20 ?40 1.00 1.05 1.10 1.15 1.20 1.25 120 80 60 40 20 0 ?20 ?40 1.18 1.20 1.22 1.26 1.28 1.30 1.34 1.36 figure 6. line regulation vs. temperature i load = 10 ma figure 7. load regulation vs. temperature i load = 1 a t a , ambient temperature ( c) t a , ambient temperature ( c) 120 100 80 40 20 0 ?20 ?40 0.050 0.055 0.065 0.070 0.080 0.085 0.090 0.100 100 80 60 40 20 0 ?20 ?40 0 0.05 0.10 0.15 0.25 0.30 0.40 0.45 figure 8. output voltage vs. temperature i load = 10 ma figure 9. output short circuit current vs. temperature t a , ambient temperature ( c) t a , ambient temperature ( c) 100 80 60 40 20 0 ?20 ?40 1.494 1.496 1.498 1.502 1.504 1.508 1.510 100 80 60 40 20 0 ?20 ?40 0 0.5 1.0 1.5 2.0 2.5 dropout voltage (v) dropout voltage (v) output voltage deviation (%) output voltage deviation (%) output voltage (v) output short circuit current (a) 120 100 1.24 1.32 0.060 0.075 0.095 60 0.20 0.35 120 1.500 1.506 120 120 ncp1117lp www. onsemi.com 5 typical characteristics figure 10. quiescent current vs. temperature i load = 10 ma figure 11. dropout voltage vs. output current t a , ambient temperature ( c) i out , output current (a) 100 80 60 40 20 0 ?20 ?40 480 490 500 520 530 540 550 570 0.9 0.7 0.6 0.5 0.4 0.3 0.2 0.1 1.12 1.13 1.14 1.15 1.17 1.18 1.20 1.21 quiescent current ( a) dropout voltage (v) 120 510 560 0.8 1. 0 1.16 1.19 figure 12. equivalent series resistance vs. output current ? mlcc capacitor figure 13. output capacitance vs. esr mlcc capacitor i out , output current (a) 0.8 0.6 0.4 0.2 0 0 10 20 40 50 60 70 90 esr (m ) 1.0 30 80 100 region of instability region of stability v in = 12 v i load = 10 ma c in = c out = 10 f v out = v out ? 100 mv c in = c out = 10 f t j = 25 c v in = 3 v v out = 1.25 v c in = 10 f mlcc c out = 10 f mlcc t j = 25 c esr, equivalent series resistance ( ) 0.1 0.01 0.001 0.1 10 output capacitance ( f) 1.0 100 v in = 3 v v out = 1.25 v i load = 5 ma ? 1 a c in = 10 f mlcc t j = 25 c 1 region of instability region of stability figure 14. ripple rejection vs. output current ? 1.5 v figure 15. ripple rejection vs. output current ? 5 v i out , output current (a) 700 600 500 400 300 200 100 0 0 10 20 40 50 60 70 rr, ripple rejection (db) 800 30 80 f ripple = 120 hz c in = 22 f tantalum c out = 22 f tantalum v in ? v out = 3 v t a = 25 c 900 1000 i out , output current (a) 700 600 500 400 300 200 100 0 0 10 20 40 50 60 70 rr, ripple rejection (db) 800 30 900 10 00 f ripple = 120 hz c in = 22 f tantalum c out = 22 f tantalum v in ? v out = 3 v t a = 25 c ncp1117lp www. onsemi.com 6 typical characteristics figure 16. ripple rejection vs. frequency ? v out = 1.5 v frequency (hz) 10000 1000 100 10 0 50e?9 100e?9 200e?9 250e?9 300e?9 350e?9 v/sqrt (hz) figure 17. output spectral noise density vs. frequency ? v out = 1v5 100000 150e?9 450e?9 f ripple , ripple frequency (hz) 100000 10000 1000 100 10 0 20 40 80 100 120 rr, ripple rejection (db) 60 c in = 10 f tantalum c out = 10 f tantalum v in ? v out = 3 v t a = 25 c 100000 0 c in = 10 f tantalum c out = 10 f tantalum v in ? v out = 3 v 0.5 vpp t a = 25 c 400e?9 1 a 0.5 a 0.1 a 1 a 0.5 a 0.1 a 0.01 a figure 18. line transient response ? v out = 1.5 v figure 19. line transient response ? v out = 1.5 v ?50 0 4.0 3.0 output voltage deviation (mv) input voltage (v) 1 v/ s 50 c in = 1.0 f* c out = 10 f* i out = 0.1 a t a = 25 c c in = 1.0 f* c out = 10 f* i out = 0.5 a t a = 25 c *tantalum capacitors *tantalum capacitors figure 20. line transient response ? v out = 1.8 v figure 21. line transient response ? v out = 1.8 v ?50 0 4.3 3.3 output voltage deviation (mv) input voltage (v) 1 v/ s 50 c in = 1.0 f* c out = 10 f* i out = 0.1 a t a = 25 c c in = 1.0 f* c out = 10 f* i out = 0.5 a t a = 25 c *tantalum capacitors *tantalum capacitors ncp1117lp www. onsemi.com 7 typical characteristics figure 22. line transient response ? v out = 2.5 v figure 23. line transient response ? v out = 2.5 v figure 24. line transient response ? v out = 3.3 v figure 25. line transient response ? v out = 3.3 v ?50 0 5.5 4.5 output voltage deviation (mv) input voltage (v) 1 v/ s 50 c in = 1.0 f* c out = 10 f* i out = 0.1 a t a = 25 c c in = 1.0 f* c out = 10 f* i out = 0.5 a t a = 25 c ?50 0 5.0 4.0 output voltage deviation (mv) input voltage (v) 1 v/ s 50 c in = 1.0 f* c out = 10 f* i out = 0.1 a t a = 25 c c in = 1.0 f* c out = 10 f* i out = 0.5 a t a = 25 c *tantalum capacitors *tantalum capacitors *tantalum capacitors *tantalum capacitors figure 26. line transient response ? v out = 5.0 v figure 27. line transient response ? v out = 5.0 v ?50 0 7.5 6.5 output voltage deviation (mv) input voltage (v) 1 v/ s 50 c in = 1.0 f* c out = 10 f* i out = 0.1 a t a = 25 c c in = 1.0 f* c out = 10 f* i out = 0.5 a t a = 25 c *tantalum capacitors *tantalum capacitors ncp1117lp www. onsemi.com 8 typical characteristics figure 28. load transient response ? v out = 1.8 v figure 29. load transient response ? v out = 2.5 v c in = 10 f* c out = 10 f* v in = 3.3 v preload=0.1a t a = 25 c 0 20 0.5 0.2 load current change (a) 0.5a/ s output voltage deviation (mv) figure 30. load transient response ? v out = 3.3 v figure 31. load transient response ? v out = 5.0 v ?20 c in = 10 f* c out = 10 f* v in = 3.3 v preload=0.1a t a = 25 c 0 20 0.5 0.2 load current change (a) 0.5a/ s output voltage deviation (mv) ?20 c in = 10 f* c out = 10 f* v in = 3.3 v preload=0.1a t a = 25 c 0 50 0.5 0.2 load current change (a) 0.5a/ s output voltage deviation (mv) ?50 c in = 10 f* c out = 10 f* v in = 3.3 v preload=0.1a t a = 25 c 0 50 0.5 0.2 load current change (a) 0.5a/ s output voltage deviation (mv) ?50 *tantalum capacitors *tantalum capacitors *tantalum capacitors *tantalum capacitors ncp1117lp www. onsemi.com 9 typical characteristics 60 65 70 75 80 85 90 95 100 105 110 115 120 125 0 100 200 300 400 500 copper heat spreader area (mm^2) theta ja (c/w) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 max power (w) figure 32. sot?223 thermal resistance and maximum power dissipation vs. p.c.b. copper length theta ja curve with pcb cu thk 2.0 oz power curve with pcb cu thk 2.0 oz theta ja curve with pcb cu thk 1.0 oz power curve with pcb cu thk 1.0 oz ncp1117lp www. onsemi.com 10 applications information introduction the ncp1117lp is a low dropout positive fixed or adjustable mode regulator with 1 a output capability. this ldo is guaranteed to have a significant reduction in dropout voltage along with enhanced output voltage accuracy and temperature stability when compared to older industry standard three?terminal adjustable regulators. these devices contain output current limiting, safe operating area compensation and thermal shutdown protection making them designer friendly for powering numerous consumer and industrial products. the ncp1 117lp series is pin compatible with the older ncp1117. output voltage the typical application circuits for the fixed and adjustable output regulators are shown in figures 33 and 34. the adjustable devices are floating voltage regulators. they develop and maintain the nominal 1.25 v reference voltage between the output and adjust pins. the reference voltage is programmed to a constant current source by resistor r1, and this current flows through r2 to ground to set the output voltage. the programmed current level is usually selected to be greater than the specified 5.0 ma minimum that is required for regulation. since the adjust pin current, i adj , is significantly lower and constant with respect to the programmed load current, it generates a small output voltage error that can usually be ignored. for the fixed output devices r1 and r2 are included within the device and the ground current i gnd is 550 a (typ). external capacitors input bypass capacitor c in may be required for regulator stability if the device is located more than a few inches from the power source. this capacitor will reduce the circuit?s sensitivity when powered from a complex source impedance and significantly enhance the output transient response. the input bypass capacitor should be mounted with the shortest possible track length directly across the regulator?s input and ground terminals. a 10 f ceramic or tantalum capacitor should be adequate for most applications. figure 33. fixed output regulator 1 2 output 3 input ncp1117lp ++ c out c in i gnd frequency compensation for the regulator is provided by capacitor c out and its use is mandatory to ensure output stability. a minimum capacitance value of 4.7 f with an equivalent series resistance (esr) that is within the limits of 20 m to 20 is required. the capacitor type can be ceramic, tantalum, or aluminum electrolytic as long as it meets the minimum capacitance value and esr limits over the circuit?s entire operating temperature range. higher values of output capacitance can be used to enhance loop stability and transient response with the additional benefit of reducing output noise. figure 34. adjustable output regulator 1 2 output 3 input ncp1117lp ++ c out c in i adj r2 + c adj v ref r1 v out v ref 1 r2 r1 r2 i adj the output ripple will increase linearly for fixed and adjustable devices as the ratio of output voltage to the reference voltage increases. for example, with a 5 v regulator, the output ripple will increase by 5 v/1.25 v or 4 and the ripple rejection will decrease by 20 log of this ratio or 12 db. the loss of ripple rejection can be restored to the values shown with the addition of bypass capacitor c adj , shown in figure 34. the reactance of c adj at the ripple frequency must be less than the resistance of r1. the value of r1 can be selected to provide the minimum required load current to maintain regulation and is usually in the range of 100 to 200 . c adj 1 2 f ripple r1 the minimum required capacitance can be calculated from the above formula. when using the device in an application that is powered from the ac line via a transformer and a full wave bridge, the value for c adj is: f ripple 120 hz, r1 120 , then c adj 11.1 f the value for c adj is significantly reduced in applications where the input ripple frequency is high. if used as a post regulator in a switching converter under the following conditions: f ripple 50 khz, r1 120 , then c adj 0.027 f ncp1117lp www. onsemi.com 11 protection diodes the ncp1117lp family has two internal low impedance diode paths that normally do not require protection when used in the typical regulator applications. the first path connects between v out and v in , and it can withstand a peak surge current of about 15 a. normal cycling of v in cannot generate a current surge of this magnitude. only when v in is shorted or crowbarred to ground and c out is greater than 50 f, it becomes possible for device damage to occur. under these conditions, diode d1 is required to protect the device. the second path connects between c adj and v out , and it can withstand a peak surge current of about 150 ma. protection diode d2 is required if the output is shorted or crowbarred to ground and c adj is greater than 1.0 f. figure 35. protection diode placement 1 2 output 3 input ncp1117lp ++ c out c in r2 + c adj r1 d1 d2 a combination of protection diodes d1 and d2 may be required in the event that v in is shorted to ground and c adj is greater than 50 f. the peak current capability stated for the internal diodes are for a time of 100 s with a junction temperature of 25 c. these values may vary and are to be used as a general guide. load regulation the ncp1117lp series is capable of providing excellent load regulation; but since these are three terminal devices, only partial remote load sensing is possible. there are two conditions that must be met to achieve the maximum available load regulation performance. the first is that the top side of programming resistor r1 should be connected as close to the regulator case as practicable. this will minimize the voltage drop caused by wiring resistance rw + from appearing in series with reference voltage that is across r1. the second condition is that the ground end of r2 should be connected directly to the load. this allows true kelvin sensing where the regulator compensates for the voltage drop caused by wiring resistance rw ?. figure 36. load sensing 1 2 output 3 input ncp1117lp + + c out c in r1 remot e load rw+ rw? r2 thermal considerations this series contains an internal thermal limiting circuit that is designed to protect the regulator in the event that the maximum junction temperature is exceeded. when activated, typically at 165 c, the regulator output switches off and then back on as the die cools. as a result, if the device is continuously operated in an overheated condition, the output will appear to be oscillating. this feature provides protection from a catastrophic device failure due to accidental overheating. it is not intended to be used as a substitute for proper heatsinking. the maximum device power dissipation can be calculated by: p d t j(max) t a r ja the devices are available in surface mount sot?223 package. this package has an exposed metal tab that is specifically designed to reduce the junction to air thermal resistance, r ja , by utilizing the printed circuit board copper as a heat dissipater. figure 32 shows typical r ja values that can be obtained from a square pattern using economical single sided 1.0 oz and 2.0 oz copper board material. the final product thermal limits should be tested and quantified in order to insure acceptable performance and reliability. the actual r ja can vary considerably from the graphs shown. this will be due to any changes made in the copper aspect ratio of the final layout, adjacent heat sources, and air flow. figure 37. constant current regulator 1 2 constant current output 3 input ncp1117lp ++ 10 f i out v ref r i adj 10 f r ncp1117lp www. onsemi.com 12 figure 38. slow turn?on regulator figure 39. digitally controlled regulator figure 40. regulator with shutdown figure 41. adjusting output of fixed voltage regulators resistor r2 sets the maximum output voltage. each transistor reduces the output voltage when turned on. 1 2 output 3 input ncp1117lp ++ 10 f 10 f 1n4001 r2 r1 10 f 50 k 2n2907 1 2 output 3 input ncp1117lp ++ 10 f 10 f r1 2n2222 r2 1 2 output 3 input ncp1117lp ++ 10 f + 10 f 10 f 2.0 k 5.0 v to 12 v output voltage control 1 2 output 3 input ncp1117lp ++ 10 f 10 f 120 2n2222 360 1.0 k 1.0 k output control on off v out(off) v ref device ordering information device package shipping ? ncp1117lpst15t3g sot?223 (pb?free) 4000 / tape & reel ncp1117lpst18t3g ncp1117lpst25t3g ncp1117lpst33t3g ncp1117lpst50t3g NCP1117LPSTADT3G ncp1117lpdt18rkg dpak (pb?free) 2500 / tape & reel ncp1117lpdt33rkg ncp1117lpdtadjrkg ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. ncp1117lp www. onsemi.com 13 package dimensions sot?223 st suffix case 318h issue o notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimension e1 does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.23 per side. 4. dimensions b and b2 do not include dambar protrusion. allowable dambar protrusion shall be 0.08 total in excess of the b and b2 dimensions at maximum material condition. 5. terminal numbers are shown for reference only. 6. dimensions d and e1 are to be determined at datum plane h. dim min max millimeters a --- 1.80 a1 0.02 0.11 b 0.60 0.88 b1 0.60 0.80 b2 2.90 3.10 b3 2.90 3.05 c 0.24 0.35 c1 0.24 0.30 d 6.30 6.70 e 6.70 7.30 e1 3.30 3.70 e 2.30 e1 4.60 l 0.25 --- 0 10 c1 e h m 0.2 c c a s b b b a a m 0.1 c s a s b e1 b d 4 3 2 1 e e1 m 0.1 c s a s b b2 b a 0.08 a1 c b1 (b) (b2) b3 section b?b l ??? ??? ??????? ??????? 1.5 0.059 mm inches scale 6:1 3.8 0.15 2.0 0.079 6.3 0.248 2.3 0.091 2.3 0.091 2.0 0.079 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* ncp1117lp www. onsemi.com 14 package dimensions dpak (single gauge) dt suffix case 369c issue e b d e b3 l3 l4 b2 m 0.005 (0.13) c c2 a c c z dim min max min max millimeters inches d 0.235 0.245 5.97 6.22 e 0.250 0.265 6.35 6.73 a 0.086 0.094 2.18 2.38 b 0.025 0.035 0.63 0.89 c2 0.018 0.024 0.46 0.61 b2 0.028 0.045 0.72 1.14 c 0.018 0.024 0.46 0.61 e 0.090 bsc 2.29 bsc b3 0.180 0.215 4.57 5.46 l4 ??? 0.040 ??? 1.01 l 0.055 0.070 1.40 1.78 l3 0.035 0.050 0.89 1.27 z 0.155 ??? 3.93 ??? notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inches. 3. thermal pad contour optional within di- mensions b3, l3 and z. 4. dimensions d and e do not include mold flash, protrusions, or burrs. mold flash, protrusions, or gate burrs shall not exceed 0.006 inches per side. 5. dimensions d and e are determined at the outermost extremes of the plastic body. 6. datums a and b are determined at datum plane h. 7. optional mold feature. 12 3 4 5.80 0.228 2.58 0.102 1.60 0.063 6.20 0.244 3.00 0.118 6.17 0.243 mm inches scale 3:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* h 0.370 0.410 9.40 10.41 a1 0.000 0.005 0.00 0.13 l1 0.114 ref 2.90 ref l2 0.020 bsc 0.51 bsc a1 h detail a seating plane a b c l1 l h l2 gauge plane detail a rotated 90 cw e bottom view z bottom view side view top view alternate construction note 7 on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other inte llectual property. a listing of scillc?s pr oduct/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typical s? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 ncp117lpd literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative |
Price & Availability of NCP1117LPSTADT3G |